Part Number Hot Search : 
C3506 04030 PQ12RA11 HIP6601 2SK1277 HN3C13F TBP204G AD598JR
Product Description
Full Text Search
 

To Download P0080ECMCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0LFUR&DSDFLWDQFH 0& 6,'$&WRU 'HYLFH
RoHS
These TO-92 MC SIDACtor devices are intended for applications sensitive to load values. Typically, high speed connections, such as xDSL and T1/E1, require a lower capacitance. CO values for the MicroCapacitance device are 40 percent lower than a standard EC part. This MC SIDACtor series enables equipment to comply with various regulatory requirements including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA-968-A (formerly known as FCC Part 68) without the need of series resistors.
Electrical Parameters
Part Number * P0080ECMCL P0300ECMCL P0640ECMCL P0720ECMCL P0900ECMCL P1100ECMCL P1300ECMCL P1500ECMCL P1800ECMCL P2300ECMCL P2600ECMCL P3100ECMCL P3500ECMCL VDRM Volts 6 25 58 65 75 90 120 140 170 190 220 275 320 VS Volts 25 40 77 88 98 130 160 180 220 260 300 350 400 VT Volts 4 4 4 4 4 4 4 4 4 4 4 4 4 IDRM Amps 5 5 5 5 5 5 5 5 5 5 5 5 5 IS mAmps 800 800 800 800 800 800 800 800 800 800 800 800 800 IT Amps 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 IH mAmps 50 50 150 150 150 150 150 150 150 150 150 150 150
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -+40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
Surge Ratings in Amps
IPP Series 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps C 50 Amps 500 Amps 400 10x160 * 10x160 ** Amps 200 10x560 * 10x560 ** Amps 150 5x320 * 9x720 ** Amps 200 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 175 Amps 100 Amps 200 Amps 30 di/dt Amps/s 500
* Current waveform in s ** Voltage waveform in s
www.littelfuse.com
3 - 22
(c) 2006 Littelfuse, Inc. * Telecom Design Guide
0LFUR&DSDFLWDQFH 0& 6,'$&WRU 'HYLFH
Thermal Considerations
Package TO-92 Symbol TJ TS RJA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient Value -40 to +150 -65 to +150 90 Unit C C C/W
Capacitance Values
pF Part Number P0080ECMCL P0300ECMCL P0640ECMCL P0720ECMCL P0900ECMCL P1100ECMCL P1300ECMCL P1500ECMCL P1800ECMCL P2300ECMCL P2600ECMCL P3100ECMCL P3500ECMCL MIN 35 25 55 50 45 45 40 35 35 30 30 30 25 MAX 75 45 85 75 70 70 60 55 50 50 45 45 40
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Telecom Design Guide * (c) 2006 Littelfuse, Inc.
3 - 23
www.littelfuse.com
5+&#%VQT &GXKEGU
0LFUR&DSDFLWDQFH 0& 6,'$&WRU 'HYLFH
+I
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
tr = rise time to peak value td = decay time to half value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
V-I Characteristics
tr x td Pulse Waveform
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature
Case Temperature (TC) - C
Normalized DC Holding Current versus Case Temperature
www.littelfuse.com
3 - 24
(c) 2006 Littelfuse, Inc. * Telecom Design Guide


▲Up To Search▲   

 
Price & Availability of P0080ECMCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X